PART |
Description |
Maker |
M27V101 M27V101-100B1TR M27V101-100B6TR M27V101-10 |
1-Bit to 2-Bit Address Driver With 3-State Outputs 80-TSSOP -40 to 85 1 Mbit 128Kb x 8 Low Voltage UV EPROM and OTP EPROM 1兆位28KB × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Buffers/Drivers With 3-State Outputs 48-SSOP -40 to 85 1兆位28KB × 8低压紫外线可擦写可编程只读存储器和OTP存储 1 Mbit 128Kb x 8 Low Voltage UV EPROM and OTP EPROM 1兆位128KB × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Buffers/Drivers With 3-State Outputs 48-TVSOP -40 to 85 1 Mbit (128Kb x 8) Low Voltage UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M48T128 M48T128V M48T128VPM M48T128Y M48T128YPM M4 |
3.3V-5V 1 Mbit (128Kb x8) TIMEKEEPER SRAM 3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
|
SGS Thomson Microelectronics STMicroelectronics ST Microelectronics
|
M36W216 M36W216BI M36W216BI70ZA1T M36W216BI85ZA1T |
16 Mbit 1Mb x16, Boot Block Flash Memory and 2 Mbit 128Kb x16 SRAM, Multiple Memory Product
|
STMICROELECTRONICS[STMicroelectronics]
|
CY7C1021BN09 CY7C1021BNL-15ZSXA CY7C1021BN-15ZXIT |
1-Mbit (64K x 16) Static RAM; Density: 1 Mb; Organization: 64Kb x 16; Vcc (V): 4.5 to 5.5 V; 64K X 16 STANDARD SRAM, 15 ns, PDSO44
|
Cypress Semiconductor, Corp. http://
|
M29F010B |
1 Mbit 128Kb x8 / Uniform Block Single Supply Flash Memory
|
ST Microelectronics
|
M27C1024-35C1 M27C1024-90C1 M27C1024-12C6 M27C1024 |
64K X 16 OTPROM, 100 ns, PDSO40 64K X 16 OTPROM, 100 ns, PQCC44 64K X 16 OTPROM, 100 ns, PDIP40 64K X 16 UVPROM, 100 ns, CDIP40 64K X 16 UVPROM, 45 ns, CDIP40 1 MBIT (64KB X16) UV EPROM AND OTP EPROM
|
STMICROELECTRONICS ST Microelectronics
|
M29F200BB M29F200BT 6610 |
2 Mbit (256Kb x8 or 128Kb x16, Boot Block)Single Supply Flash Memory From old datasheet system
|
STMicro
|
M27W101 M27W101-80N6TR M27W101-80K6 M27W101-80K6TR |
1 MBIT (128KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM 1 MBIT (128KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM
|
ST Microelectronics
|
M36W216BI70ZA1T M36W216TI70ZA1T M36W216TI85ZA1T M3 |
16 Mbit 1Mb x16, Boot Block Flash Memory and 2 Mbit 128Kb x16 SRAM, Multiple Memory Product 16 MBIT (1MB X16, BOOT BLOCK) FLASH MEMORY AND 2 MBIT (128K X16) SRAM, MULTIPLE MEMORY PRODUCT 16 Mbit 1Mb x16 / Boot Block Flash Memory and 2 Mbit 128Kb x16 SRAM / Multiple Memory Product
|
ST Microelectronics
|